|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BL Galaxy Electrical Digital Transistor FEATURES Built-in bias resistor enable the configuration of an inverter circuit without connecting external input resistors. The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Only the on/off conditions need to be set for operation, making device design easy. Production specification DTC124ECA Pb Lead-free SOT-23 APPLICATIONS The NPN style digital transistor. ORDERING INFORMATION Type No. DTC124ECA Marking 25 Package Code SOT-23 MAXIMUM RATING @ Ta=25 unless otherwise specified Symbol VCC VIN IO PD Tj,Tstg Parameter Supply Voltage Input Voltage Output Current Power Dissipation Operating and Storage and Temperature Range Value 50 -10 to 40 30 200 -55 to +150 Units V V mA mW ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified Document number: BL/SSDTC131 Rev.A www.galaxycn.com 1 BL Galaxy Electrical Digital Transistor Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Test conditions VCC=5V,IO=100A VO=0.2V,IO=5mA Io/II=10mA/0.5mA, VI=5V VCC=50V,VI=0V VO=5V,IO=5mA VCE=10V,IE=-5mA, f=100MHz Production specification DTC124ECA MIN 3 56 15.4 0.8 TYP 0.1 22 1 250 MAX UNIT 0.5 0.3 0.36 0.5 28.6 1.2 K % MHz V V mA A PACKAGE OUTLINE Plastic surface mounted package A E SOT-23 SOT-23 Dim A B C D J Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35 Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45 K B 1.0Typical D G E G H H C J K 0.1Typical All Dimensions in mm Document number: BL/SSDTC131 Rev.A www.galaxycn.com 2 BL Galaxy Electrical Digital Transistor SOLDERING FOOTPRINT Production specification DTC124ECA Unit : mm PACKAGE Device DTC124ECA INFORMATION Package SOT-23 Shipping 3000/Tape&Reel Document number: BL/SSDTC131 Rev.A www.galaxycn.com 3 |
Price & Availability of DTC124ECA |